Part Number Hot Search : 
PS9010VG LM78L 1N5244 GW20N BP9632B 24C08 VT6103 A102M
Product Description
Full Text Search
 

To Download IPD09N03L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPD09N03L OptiMOS(R) Buck converter series
Feature
* N-Channel
Product Summary VDS RDS(on) ID 30 8.9 30
P- TO252 -3-11
V m A
* Logic Level * Low On-Resistance R DS(on) * Excellent Gate Charge x R DS(on) product (FOM)
* Superior thermal resistance
* 175C operating temperature * Avalanche rated * dv/dt rated * Ideal for fast switching buck converter
Type IPD09N03L
Package Ordering Code P- TO252 -3-11 Q67042-S4110
Marking 09N03L
Maximum Ratings, at Tj = 25 C, unless otherwise specified Parameter Continuous drain current1)
TC=25C TC=100C
Symbol ID
Value 30 30
Unit A
Pulsed drain current
TC=25C
ID puls EAS EAR dv/dt VGS Ptot T j , Tstg
120 150 10 6 20 100 -55... +175 55/175/56 kV/s V W C mJ
Avalanche energy, single pulse
ID=30A, V DD=25V, RGS=25
Repetitive avalanche energy, limited by Tjmax 2) Reverse diode dv/dt
IS=30A, VDS=24V, di/dt=200A/s, T jmax=175C
Gate source voltage Power dissipation
TC=25C
Operating and storage temperature IEC climatic category; DIN IEC 68-1
Page 1
2002-01-17
IPD09N03L
Thermal Characteristics Parameter Characteristics Thermal resistance, junction - case Thermal resistance, junction - ambient, leaded SMD version, device on PCB:
@ min. footprint @ 6 cm2 cooling area
3)
Symbol min. RthJC RthJA RthJA -
Values typ. 1 max. 1.5 100 75 50
Unit
K/W
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Static Characteristics Drain-source breakdown voltage
V GS=0V, ID=1mA
Symbol min. V(BR)DSS VGS(th) IDSS IGSS RDS(on) RDS(on) 30 1.2
Values typ. 1.6 max. 2
Unit
V
Gate threshold voltage, VGS = V DS
ID = 50 A
Zero gate voltage drain current
V DS=30V, VGS=0V, Tj=25C V DS=30V, VGS=0V, Tj=125C
A 0.01 10 1 10.6 7.2 1 100 100 13.6 8.9 nA m
Gate-source leakage current
V GS=20V, VDS=0V
Drain-source on-state resistance
V GS=4.5V, I D=30A
Drain-source on-state resistance
V GS=10V, I D=30A
1Current limited by bondwire ; with an R thJC = 1.5K/W the chip is able to carry ID= 83A at 25C, for detailed information see app.-note ANPS071E available at www.infineon.com/optimos 2Defined by design. Not subject to production test. 3Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air. Page 2
2002-01-17
IPD09N03L
Electrical Characteristics Parameter Dynamic Characteristics Transconductance Input capacitance Output capacitance Reverse transfer capacitance Gate resistance Turn-on delay time Rise time Turn-off delay time Fall time
Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Output charge Gate plateau voltage
Reverse Diode Inverse diode continuous forward current Inv. diode direct current, pulsed Inverse diode forward voltage Reverse recovery time Reverse recovery charge ISM VSD trr Qrr
V GS=0V, IF=30A V R=-V, IF=lS, diF/dt=100A/s
Symbol
Conditions min.
Values typ. 47.5 1160 450 120 1.5 7.4 13 28.4 7.6 max. -
Unit
gfs Ciss Coss Crss RG td(on) tr td(off) tf
VDS 2*ID *RDS(on)max, ID =30A VGS =0V, VDS =25V, f=1MHz
23.8 -
S
1550 pF 600 175 11.1 20 42.6 11.4 ns
VDD =15V, VGS =10V, ID =15A, RG =5.4
Qgs Qgd Qg Qoss
VDD =15V, ID =15A
-
3 9.2 18.2 16.5 2.7
4 12.5 24.2 21.9 -
nC
VDD =15V, ID =15A, VGS =0 to 5V VDS =15V, ID =15A, VGS =0V
nC V
V(plateau) VDD =15V, ID =15A
IS
TC=25C
-
0.9 31 29
30 120 1.2 39 37
A
V ns nC
Page 3
2002-01-17
IPD09N03L
1 Power dissipation Ptot = f (TC)
110
IPD09N03L
2 Drain current ID = f (T C) parameter: VGS 10 V
32
IPD09N03L
W
90 80
A
24
P tot
ID
100 120 140 160 C 190
70 60
20
16 50 40 30 20 4 10 0 0 20 40 60 80 0 0 20 40 60 80 12
8
100 120 140 160 C 190
TC
TC
3 Safe operating area ID = f ( VDS ) parameter : D = 0 , TC = 25 C
10
3 IPD09N03L
4 Max. transient thermal impedance ZthJC = f (tp) parameter : D = t p/T
10
1 IPD09N03L
K/W A
10
/I
D
0
t = 10.0s p
DS
ID
=
10
V
2
DS (on )
Z thJC
100 s
10
-1
R
D = 0.50 10 10
1 1 ms -2
0.20 0.10 single pulse 0.05 0.02 0.01
10 ms
10
-3
DC
10
0
10
-1
10
0
10
1
V
10
2
10
-4
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
VDS
Page 4
tp
2002-01-17
IPD09N03L
5 Typ. output characteristic ID = f (VDS); Tj=25C parameter: tp = 80 s
IPD09N03L
6 Typ. drain-source on resistance RDS(on) = f (ID) parameter: VGS
IPD09N03L
75
A
Ptot = 100W
V [V] GS a b c
m
30
b c
fe d
60 55 50
c
3.0 3.5
24
R DS(on)
4.0 4.5 5.0 5.5
22 20 18 16 14 12
d e f
d e f
ID
45 40 35 30 25 20 15 10 5 0 0 0.5 1 1.5 2 2.5 3 3.5
a b
10 8 6 4 VGS [V] = 2
b 3.5 c 4.0 d 4.5 e 5.0 f 5.5
4
V
0 5 0 10 20 30 40
A
60
VDS
ID
7 Typ. transfer characteristics ID= f ( VGS ); V DS 2 x ID x RDS(on)max parameter: tp = 80 s
60
8 Typ. forward transconductance g fs = f(I D); T j=25C parameter: g fs
60
A
50 45
S
50 45
35 30 25 20 15 10 5 0 0 0.5 1 1.5 2 2.5 3 3.5 4
g fs V5 V GS
ID
40
40 35 30 25 20 15 10 5 0 0 10 20 30 40
A ID
60
Page 5
2002-01-17
IPD09N03L
9 Drain-source on-state resistance RDS(on) = f (Tj) parameter : ID = 30 A, VGS = 10 V
20
IPD09N03L
10 Typ. gate threshold voltage VGS(th) = f (T j) parameter: VGS = VDS
2.5
m
16
V
500A
R DS(on)
14 12 10 8 6 4 2 0 -60 98%
V GS(th)
1.5
50A
typ
1
0.5
-20
20
60
100
140 C
200
0 -60
-20
20
60
100
C Tj
180
Tj
11 Typ. capacitances C = f (V DS) parameter: VGS=0V, f=1 MHz
10
4
12 Forward character. of reverse diode IF = f (V SD) parameter: T j , tp = 80 s
10
3 IPD09N03L
A
pF
10
2
Ciss
10
3
C
C oss
10
1
IF
T j = 25 C typ T j = 175 C typ T j = 25 C (98%)
Crss
10
2
T j = 175 C (98%) 10
0
0
5
10
15
20
V
30
0
0.4
0.8
1.2
1.6
2
2.4 V
3
VDS
Page 6
VSD
2002-01-17
IPD09N03L
13 Typ. avalanche energy E AS = f (T j) par.: I D = 30 A, V DD = 25 V, R GS = 25
160
15 Drain-source breakdown voltage V(BR)DSS = f (Tj) parameter: ID=10 mA
36
IPD09N03L
mJ
V
120
V(BR)DSS
34 33 32
E AS
100
80 31 60 30 40 29 28 27 -60
20
0 25
45
65
85
105
125
145
C 185 Tj
-20
20
60
100
140 C
200
Tj
14 Typ. gate charge VGS = f (QGate) parameter: ID = 15 A pulsed
16
V
IPD09N03L
12
VGS
10
8
6
4
0.2 VDS max 0.5 VDS max
2
0.8 VDS max
0 0 10 20 30 40
nC
55
QGate
Page 7
2002-01-17
IPD09N03L
Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Page 8
2002-01-17


▲Up To Search▲   

 
Price & Availability of IPD09N03L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X